Part Number Hot Search : 
HT67F40 KBJ1004 FDMS3500 HMC451 STS150 TDA6405 MM1ZB15H ANSR2N7
Product Description
Full Text Search
 

To Download MMXZ5251B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l l l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MMXZ5221B THRU MMXZ5259B
200 mW Zener Diodes 2.4 to 39 Volts
Planar Die construction 200mW Power Dissipation Zener Voltages from 2.4V - 39V Ideally Suited for Automated Assembly Processes
Mechanical Data
l l l l l
Case:
SOD-323 Molded Plastic
SOD323
A B C
o o
Terminals: Solderable per MIL-STD-202, Method 208 Approx. Weight: 0.008 gram Mounting Position: Any Storage & Operating Junction Temperature: -55 C to +150 C
E
Maximum Ratings @ 25oC Unless Otherwise Specified Zener Current IF 100 mA Maximum Forward VF 1.2 V Voltage Power Dissipation P(AV) 200 mWatt (No te s A) Peak Forward S urge IFSM 2.0 Amps Current (Not e s B)
NOTES: A. Mounted on 5.0mm2(.013mm thick) land areas. B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
DIM A B C D E F G
F D
G
DIMENSIONS INCHES MM MIN MAX MIN MAX .090 .107 2.30 2.70 .068 .078 1.75 1.95 .045 .054 1.15 1.35 .027 .038 0.70 0.95 .009 .014 0.25 0.35 .002 .006 0.05 0.15 .012 --0.30 ---
NOTE
SUGGESTED SOLDER PAD LAYOUT
0.059"
0.039"
0.031"
www.mccsemi.com
MCC
MMXZ5221B thru MMXZ5259B
Electrical Characteristics @ 25oC Unless Otherwise Specified
MCC PART NUMBER
NORMAL ZENER VOLTAGE Vz@ Izt TEST CURRENT Izt MAXIMUM ZENER IMPEDANCE `B' SUFFIX ONLY Zzt @ Izt Zzk @ Izk=0.25mA MAXIMUM REVERSE LEAKAGE CURRENT Ir @ Vr MAXIMUM ZENER VOLTAGE TEMP COEFFICIENT `B' SUFFIX ONLY Marking
VOLTS
mA
OHMS
OHMS
uA
VOLTS
%/oC
MMXZ5221B MMXZ5222B MMXZ5223B MMXZ5225B MMXZ5226B MMXZ5227B MMXZ5228B MMXZ5229B MMXZ5230B MMXZ5231B MMXZ5232B MMXZ5234B MMXZ5235B MMXZ5236B MMXZ5237B MMXZ5239B MMXZ5240B MMXZ5241B MMXZ5242B MMXZ5243B MMXZ5245B MMXZ5246B MMXZ5248B MMXZ5250B MMXZ5251B MMXZ5252B MMXZ5254B MMXZ5255B MMXZ5256B MMXZ5257B MMXZ5258B MMXZ5259B
C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E4 E5 F1 F2 F4 F5 H1 H2 H3 H5 J1 J3 J5 K1 K2 K4 K5 M1 M2 M3 M4
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.0 6.2 5.6 5.2 4.6 4.5 4.2 3.8 3.4 3.2
30 30 30 29 28 24 23 22 19 17 11 7.0 5.0 6.0 8.0 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30
-0.085 -0.085 -0.080 -0.075 -0.070 -0.065 -0.060 0.055 0.030 0.030 +0.038 +0.045 +0.050 +0.058 +0.062 +0.068 +0.075 +0.076 +0.077 +0.079 +0.082 +0.083 +0.085 +0.086 +0.087 +0.088 +0.090 +0.091 +0.091 +0.092 +0.093 +0.094
NOTE: 1. Tolerance and Type Number Designation. The type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2. Specials Available Include: A. Nominal zener voltages between the voltages shown and tighter voltage tolerances. B. Matched sets. 3. Zener Voltage (VZ) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (TL) at 30OC, from the diode body. 4. Zener Impedance (ZZ) Derivation. The zener impedance is derived from the 60 cycle ac voltage, which results when an AC current having an rms value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 5. Surge Current (IR) Non-Repetitive. The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration; however, actual device capability is as described in Figure 5.
www.mccsemi.com
MMXZ5221B thru MMXZ5259B
MCC
100
8 7
TEMPERATURE COEFFICIENT,mV / oC)
6 5 4 3 2
1
0 -1 -2 -3 2 3 4 5 6 7 8 9 10 11 12
TEMPERATURE COEFFICIENT,mV / oC)
10
1 10
100
NOMINAL ZENER VOLTAGE, Volts
NOMINAL ZENER VOLTAGE, Volts
TYPICAL REVERSE CURRENT
STEADY STATE POWER DERATING
1000
DYNAMIC IMPEDANCE, W
IZ = 1 mA
FORWARD CURRENT, mA
TJ=25 C IZ(AC)=0.1IZ(DC) F=1 kHZ
O
1000
100
5 mA
20 mA
100
10
10
150 C
O
75OC
25OC
5OC
1
1
10
NORMAL ZENER VOLTAGE, Volts
100
1 0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
FORWARD VOLTAGE, Volts
EFFECT OF ZENER VOLTAGE ON ZENER IMPEDANCE
TYPICAL FORWARD VOLTAGE
1000
1.2 1.0 0.8 0.6 0.4 0.2 0
CAPACITANCE, pF
0 V BIAS 1 V BIAS
TA=25oC
POWER DISSIPATION, Watts
100
BIAS AT 50% OF VZ NOM
10
PD V.S. TA
1
25 50 75 100
o
1
10
100
125
150
155
TEMPERATURE ( C)
NOMINAL ZENER VOLTAGE, Volts
STEADY STATE POWER DERATING
TYPICAL CAPACITANCE
www.mccsemi.com
MMXZ5221B thru MMXZ5259B
MCC
TA=25 C
o
100
TA=25 C
ZENER CURRENT, mA ZENER CURRENT, mA
o
100
10
10
1
1
0.1
0.1
0.01
0
2
4
6
8
10
12
0.01
10
30
50
70
90
ZENER VOLTAGE, Volts
ZENER VOLTAGE, Volts
ZENER VOLTAGE V.S. ZENER CURRENT
ZENER VOLTAGE V.S. ZENER CURRENT
1000
LEAKAGE CURRENT (mA)
100 10 1 0.1 0.01 0.001 0.0001 0.00001 0 10 20 30 40 50 60 70
+150OC
+25OC -55OC
80 90
NOMINAL ZENER VOLTAGE, Vlots
TYPICAL LEAKGE CURRENT
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MMXZ5251B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X